Part Number Hot Search : 
R5100 R5100 TSG601 BL6501A U74LV SCSF1 R5100 LF50CD
Product Description
Full Text Search
 

To Download LA100-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer LA 100-S/SP1
For the electronic measurement of currents : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN
=
100 A
Electrical data
IPN IP RM Primary nominal r.m.s. current Primary current, measuring range Measuring resistance with 15 V ISN KN VC IC Vd @ 100 A max @ 200 A max 100 0 .. 200 RM min RM max 0 0 50 1 : 2000 15 22 + IS 3 180 50 A A mA V mA kV
Features
* Closed loop (compensated) current
transducer using the Hall effect
* Insulated plastic case recognized
according to UL 94-V0.
Secondary nominal r.m.s. current Conversion ratio Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test, 50 Hz, 1 min
Special features
* IP = 0 .. 200 A * K N = 1 : 2000
Accuracy - Dynamic performance data
XG
Advantages
0.5 < 0.1 Typ Max 0.1 0.4 % % mA mA s A/s kHz
L
Overall accuracy @ IPN, TA = 25C Linearity Offset current @ IP = 0, TA = 25C Thermal drift of IO - 10 C .. + 70C Response time 1) @ 90 % of IPN di/dt accurately followed Frequency bandwidth (- 1 dB)
IO IOT tr di/dt f
0.2
<1 > 50 DC .. 150
* * * * * * *
Excellent accuracy Very good linearity Low temperature drift Optimized response time Wide frequency bandwidth No insertion losses High immunity to external interference * Current overload capability.
General data
TA TS RS m Ambient operating temperature Ambient storage temperature Secondary coil resistance @ TA = 70C Mass Standards 2) - 10 .. + 70 - 25 .. + 85 85 65 EN 50178 C C g
Applications
* AC variable speed drives and servo
motor drives
* Static converters for DC motor drives * Battery supplied applications * Uninterruptible Power Supplies
(UPS)
* Switched Mode Power Supplies
(SMPS)
* Power supplies for welding
applications.
Notes :
1) 2)
With a di/dt of 50 A/s A list of corresponding tests is available. 991015/5
LEM Components
w w w.lem.com
Dimensions LA 100-S/SP1 (in mm. 1 mm = 0.0394 inch)
Front view Left view
Secondary terminals
Terminal Terminal Terminal Terminal + M 0 : : : : supply voltage + 15 V supply voltage - 15 V measure NC
Connection
Top view Mechanical characteristics
* * * *
General tolerance Fastening Primary through-hole Connection of secondary 0.3 mm 2 holes 3.2 mm 16 x 10 mm Molex 5045-04/AG
Remarks
* IS is positive when IP flows in the direction of the arrow. * Temperature of the primary conductor should not exceed
100C.
* Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
* In order to achieve the best magnetic coupling, the primary
windings have to be wound over the top edge of the device.
* To measure nominal currents of less than 100 A, the optimum accuracy is obtained by having several primary turns (nominal current x number of turns < 100 At).
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of LA100-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X